PART |
Description |
Maker |
GE28F320W30B70 GE28F320W30B85 RD28F6408W30T85 28F6 |
Segmented Alphanumeric LED; Display Technology:LED; No. of Digits/Alpha:1; Body Material:GaAsP; LED Color:Red; Leaded Process Compatible:Yes; Luminous Intensity:7.5mcd RoHS Compliant: Yes 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 2M X 16 FLASH 1.8V PROM, PBGA56 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) SPECIALTY MEMORY CIRCUIT, PBGA80 1.8 Volt Intel Wireless Flash Memory with 3 Volt I/O and SRAM (W30) 1.8伏英特尔无线闪存伏的I / O和SRAM(宽30
|
Intel, Corp. Intel Corp.
|
28F320D18 |
1.8 Volt Intel Dual-Plane Flash Memory(1.8 V Intel 双平面闪速存储器) 1.8 V的英特尔双平面闪存(1.8伏英特尔双平面闪速存储器
|
Intel, Corp.
|
RC28F128J3A-150 E28F128J3A-150 |
3 Volt Intel StrataFlash Memory 3伏特英特尔StrataFlash存储 3 Volt Intel StrataFlash Memory 8M X 16 FLASH 2.7V PROM, 150 ns, PDSO56
|
Intel, Corp. http://
|
GE28F640L30T85 GE28F640L30B85 GE28F640L30B110 GE28 |
1.8 Volt Intel StrataFlash? Wireless Memory with 3.0-Volt I/O (L30)
|
Intel Corporation
|
GE28F640L30T85 28F256L30 RD48F3000L0ZTQ0 28F128L30 |
1.8 Volt Intel StrataFlash㈢ Wireless Memory with 3.0-Volt I/O (L30)
|
INTEL[Intel Corporation]
|
290702-13 |
Numonyx Wireless Flash Memory (W30)
|
Numonyx B.V
|
28F320D18 29067202 |
1.8 Volt Intel? Dual-Plane Flash Memory From old datasheet system
|
Intel
|
28F640J5 28F320J5 |
5 V Intel StrataFlash Memory(5V 64M位英特尔StrataFlash闪速存储器) 5 Volt Intel StrataFlash Memory(5 V 32M位英特尔StrataFlash存储
|
Intel Corp.
|
AM29F032B-75 AM29F032B-90EF |
32 Megabit (4 M x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory Flash Memory IC; Leaded Process Compatible:Yes; Memory Size:32Mbit; Package/Case:48-TSOP; Peak Reflow Compatible (260 C):Yes; Supply Voltage Max:5V; Access Time, Tacc:90ns; Series:AM29 RoHS Compliant: Yes 4M X 8 FLASH 5V PROM, 90 ns, PDSO40
|
Spansion, Inc.
|
M5M29KB_T331AVP M5M29KB M5M29KB/T331AVP M5M29KB331 |
Memory>NOR type Flash Memory CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
|
Renesas Electronics Corporation.
|
AT49LV1614AT AT49BV1614AT-90TI AT49BV1614A-90TI AT |
AT49BV1604A(T)/AT49BV/LV1614A(T) [Updated 3/02. 26 Pages] 16M bit . 2.7-Volt(BV)/ 3.0 - Volt (LV). Sectored Flash. Dual Plane. Top or Bottom Boot 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 16兆位100万x 16/2M × 8 3伏,只有闪存
|
Atmel Corp. Atmel, Corp.
|